Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMCARD Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # SIMCARD
Description  LOW COST GSM MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

SIMCARD Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button SIMCARD Datasheet HTML 2Page - rfsolutions.ltd SIMCARD Datasheet HTML 3Page - rfsolutions.ltd SIMCARD Datasheet HTML 4Page - rfsolutions.ltd SIMCARD Datasheet HTML 5Page - rfsolutions.ltd SIMCARD Datasheet HTML 6Page - rfsolutions.ltd SIMCARD Datasheet HTML 7Page - rfsolutions.ltd SIMCARD Datasheet HTML 8Page - rfsolutions.ltd SIMCARD Datasheet HTML 9Page - rfsolutions.ltd SIMCARD Datasheet HTML 10Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS-GSMT35I-2
Oct ’07
www.rfsolutions.co.uk
©
2007 REG No 277 4001, ENGLAND.
Page 10
LOW COST GSM MODEM
5
Mechanical Characteristics
Weight
82g
Dimension
86mmx54mmx25mm
Temperature range
-20°C to +55°C
Air humidity
Maximum 80% relative humidity
Casing material
Aluminium alloy
For more information or general enquiries contact:
R F Solutions Ltd.
Unit 21, Cliffe Industrial Estate,
South Street, Lewes, BN8 6JL, England.
Email: sales@rfsolutions.co.uk
Web: http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com