Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMCARD Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # SIMCARD
Description  LOW COST GSM MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

SIMCARD Datasheet(HTML) 5 Page - rfsolutions.ltd

  SIMCARD Datasheet HTML 1Page - rfsolutions.ltd SIMCARD Datasheet HTML 2Page - rfsolutions.ltd SIMCARD Datasheet HTML 3Page - rfsolutions.ltd SIMCARD Datasheet HTML 4Page - rfsolutions.ltd SIMCARD Datasheet HTML 5Page - rfsolutions.ltd SIMCARD Datasheet HTML 6Page - rfsolutions.ltd SIMCARD Datasheet HTML 7Page - rfsolutions.ltd SIMCARD Datasheet HTML 8Page - rfsolutions.ltd SIMCARD Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS-GSMT35I-2
Oct ’07
www.rfsolutions.co.uk
©
2007 REG No 277 4001, ENGLAND.
Page 5
LOW COST GSM MODEM
•
Pin TxD @ application sends data to TxD of TMAS GSM/GPRS Terminal
•
Pin RxD @ application receives data from RxD of TMAS GSM/GPRS Terminal
The RS-232 interface is implemented as a serial asynchronous transmitter and receiver conforming to ITU-T
V.24 Interchange Circuits DCE. It is configured for 8 data bits, no parity and 1 stop bit, and can be operated at
bit rates from 300bps to 115Kbps. Autobauding supports bit rates from 4.8Kbps to 115Kbps. Hardware
handshake using the /RTS and /CTS signals and XON/XOFF software flow control are supported.
In addition, the modem control signals /DTR, /DSR, /DCD and /RING are available. The modem control signal
RING (Ring Indication) can be used to indicate to the cellular device application, that a call or Unsolicited Result
Code (URC) is received. There are different modes of operation, which can be set with AT commands.
2.3 SIM Interface
The SIM interface is intended for 3V SIM cards in accordance with GSM 11.12 Phase 2. The card holder is a 5
wire interface according to GSM 11.11. A sixth pin has been added to detect whether or not a SIM card is
inserted.
Removing and inserting the SIM card during operation requires the software to be reinitialized. Therefore, after
reinserting the SIM card it is necessary to restart the terminal.
Note:
•
No guarantee can be given, nor nay liability accepted, if loss of data is encountered after removing the
SIM card during operation.
•
No guarantee can be given for properly initializing any SIM card that the user inserts after having
removed a SIM card during operation. In this case, the application must restart the terminal.
2.4 Radio Interface
An internal RF cable is connected from the antenna reference point (antenna connector type GSC from Murata)
to the SMA (female) connector. To attach the antenna to the TMAS GSM/GPRS Terminal, turn smoothly and
slowly to the SMA (male) connector of antenna at clockwise direction.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com