Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1206B-R60 Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PS1206B-R60
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1206B-R60 Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PS1206B-R60 Datasheet HTML 1Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 2Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 3Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 4Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 5Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 6Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 7Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PS1206B (0.7μH – 3μH)
DWG No.
Initial
Inductance
L0
(μH)
Inductance
at flatpoint
L1
(μH)
Flat Point
ref.
(A)
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PS1206B – R47
0.70±25%
0.47±25%
5.0
2.30
16.50
30.00
PS1206B – R60
0.90±25%
0.60±25%
5.0
2.30
15.50
26.00
PS1206B – R80
1.10±25%
0.80±25%
5.0
3.20
14.50
25.00
PS1206B – 1R3
1.50±25%
1.30±25%
4.0
3.60
12.50
19.00
PS1206B – 2R0
2.20±25%
2.00±25%
4.0
6.00
11.50
15.00
PS1206B – 2R8
3.00±25%
2.80±25%
3.0
7.00
10.50
13.00
[Inductance tested at 100KHz / 1V] [Irms base on temp. rise 40ºC max.] [Isat base on inductance drop 20% max. of L1 value]
6. Curve
Inductance VS. DC Superposition Characteristics
PS1204



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com