Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1206B-R60 Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS1206B-R60
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1206B-R60 Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS1206B-R60 Datasheet HTML 1Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 2Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 3Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 4Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 5Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 6Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 7Page - PREMO CORPORATION S.L PS1206B-R60 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS1205A (0.9μH – 10.5μH)
DWG No.
Initial
Inductance
L0
(μH)
Inductance
at flatpoint
L1
(μH)
Flat Point
ref.
(A)
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PS1205A – R90
0.90±25%
0.75±25%
5.0
2.5
18.0
20.0
PS1205A – 1R4
1.40±25%
1.25±25%
5.0
3.4
15.0
16.0
PS1205A – 2R0
2.00±25%
1.80±25%
4.0
4.6
12.0
13.0
PS1205A – 3R2
3.50±25%
3.20±25%
2.0
9.0
8.6
9.0
PS1205A – 4R6
4.80±25%
4.60±25%
2.0
10.5
8.2
7.2
PS1205A – 6R4
6.80±25%
6.40±25%
3.0
11.0
7.8
6.0
PS1205A – 8R2
8.60±25%
8.20±25%
3.0
12.0
7.2
5.4
PS1205A – 100
10.50±25%
10.00±25%
2.0
13.5
6.5
4.7
PS1205B (0.9μH – 10.5μH)
DWG No.
Initial
Inductance
L0
(μH)
Inductance
at flatpoint
L1
(μH)
Flat Point
ref.
(A)
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PS1205B – R90
0.90±25%
0.75±25%
5.0
2.5
18.0
20.0
PS1205B – 1R4
1.40±25%
1.25±25%
5.0
3.4
15.0
16.0
PS1205B – 2R0
2.00±25%
1.80±25%
4.0
4.6
12.0
13.0
PS1205B – 3R2
3.50±25%
3.20±25%
2.0
9.0
8.6
9.0
PS1205B – 4R6
4.80±25%
4.60±25%
2.0
10.5
8.2
7.2
PS1205B – 6R4
6.80±25%
6.40±25%
3.0
11.0
7.8
6.0
PS1205B – 8R2
8.60±25%
8.20±25%
3.0
12.0
7.2
5.4
PS1205B – 100
10.50±25%
10.00±25%
2.0
13.5
6.5
4.7
PS1206 (2.7μH – 4.8μH)
DWG No.
Initial
Inductance
L0
(μH)
Inductance
at flatpoint
L1
(μH)
Flat Point
ref.
(A)
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PS1206 – 2R5
2.70±25%
2.50±25%
5.0
6.0
13.0
12.0
PS1206 – 2R3
2.50±25%
2.30±25%
4.0
4.6
10.5
11.0
PS1206 – 3R2
3.60±25%
3.20±25%
3.0
6.0
10.0
8.5
PS1206 – 4R6
4.80±25%
4.60±25%
2.0
7.0
9.0
7.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com