Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1206B-R47 Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PS1206B-R47
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1206B-R47 Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PS1206B-R47 Datasheet HTML 1Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 2Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 3Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 4Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 5Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 6Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 7Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
3. Materials
a.- Core : Ferrite ER core
b.- Core : Ferrite SB core
c.- Wire : Ultra – fine rectangular enamelled copper wire (class F)
d.- Terminal : Cu / Sn
e.- Adhesive : Epoxy resin
f.- Adhesive : Epoxy resin
g.- Remark : Lead content 200ppm max. include ferrite
4. General Specification
a.- Temp. rise : 40ºC max.
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +105ºC
d.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PS1204 (0.75μH – 2μH)
DWG No.
Initial
Inductance
L0
(μH)
Inductance
at flatpoint
L1
(μH)
Flat Point
ref.
(A)
RDC
(mΩ)
max.
Irms
(A)
Isat
(A)
PS1204 – R50M
0.75±20%
0.55±20%
2.0
3.0
13.0
14.0
PS1204 – 1R1M
1.30±20%
1.10±20%
2.0
4.5
12.0
13.0
PS1204 – 1R8M
2.00±20%
1.80±20%
2.0
6.0
10.0
11.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com