Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1206B-R47 Datasheet(PDF) 7 Page - PREMO CORPORATION S.L

Part # PS1206B-R47
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1206B-R47 Datasheet(HTML) 7 Page - PREMO CORPORATION S.L

  PS1206B-R47 Datasheet HTML 1Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 2Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 3Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 4Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 5Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 6Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 7Page - PREMO CORPORATION S.L PS1206B-R47 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
7
8. Labelling
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±20%
Temperature : 105±2ºC
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by
1st
31/08/06
Update Specification
Pablo Pozo



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com