Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

API4000M4 Datasheet(PDF) 11 Page - Aplus Intergrated Circuits

Part # API4000M4
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M4 Datasheet(HTML) 11 Page - Aplus Intergrated Circuits

Back Button API4000M4 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 9Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 10Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 11Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 12Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 13Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 14Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 15Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
11
D. External Interface
PI3 ~ PI0 , PIO3 ~ PIO0 , and PO3 ~ PO0 is the link for API4000M connecting with outside, Instruction
INPUT PA, OUT PA, or OUT PB, can input or output Data. PI3 , or PI2 ~ PI0 that set to Input Pin, or PIO3 ~ PIO0
of Input Pin set with Trigger has any pin is High Level, there will send a interrupt signal INTR1(Key In), and Wake
Up API4000M in Shut Down. Before exercising Instruction SHUTDN, must exercise Instruction INTRE first, then
API4000M can Wake Up again.
E. Sample Program
MOVD R2 , 85 ;
/* R2 = 01010101 */
OUT PC , R2 ;
/* Set PIO3 ~ PIO0 to Trigger Input Pins */
MOVD R5 , 50 ;
/* R5 = 50 */
GAIN R5 ;
/* Set volume Level to 50 */
LDSPADB C1A , S9 ;
/* Set Start Address of Sound9 on CH1A */
LDSPADF C1A , S9 ;
/* Set End Address of Sound9 on CH1A */
MOVD R3 , 78 ;
/* R3 = 01001110 */
OUT PE , R3 ;
/* Set CH1 = Sound Mode, Sound Processor = ON */
CLINTR ;
/* Cleat interrupt signal INTR */
PLAYSP C1A , 19 ;
/* Sample Rate 16KHz , Play Sound9 on CH1 */
P1:
JUMP INTR3 , P2 ;
/* if Sound End go to P2 */
JUMP ADDR , P1 ;
/* go to P1 */
P2:
MOVD R3 , 15 ;
/* R3 = 00001111 */
OUT PE , R3 ;
/* Set CH1 = Melody Mode, Sound Processor = OFF */
LDSPADB C1B , S11 ;
/* Set Start Address of Sound11 on CH1B */
LDSPADF C1B, S11 ;
/* Set End Address of Sound11 on CH1B */
LDSPADB C1A , S12 ;
/* Set Start Address of Sound12 on CH1A */
LDSPADF C1A , S12 ;
/* Set End Address of Sound12 on CH1A */
LDSPADB C2B , S11 ;
/* Set Start Address of Sound11 on CH2B */
LDSPADF C2B , S11 ;
/* Set End Address of Sound11 on CH2B */
LDSPADB C2A , S12 ;
/* Set Start Address of Sound12 on CH2A */
LDSPADF C2A , S12 ;
/* Set End Address of Sound12 on CH2A */
LDSPADB C3B , S13 ;
/* Set Start Address of Sound13 on CH3B */
LDSPADF C3B , S13 ;
/* Set End Address of Sound13 on CH3B */
LDSPADB C3A , S14 ;
/* Set Start Address of Sound14 on CH3A */
LDSPADF C3A , S14 ;
/* Set End Address of Sound14 on CH3A */
LDSPADB C4B , S15 ;
/* Set Start Address of Sound15 on CH4B */
LDSPADF C4B , S15 ;
/* Set End Address of Sound15 on CH4B */
LDSPADB C4A , S16 ;
/* Set Start Address of Sound16 on CH4A */
LDSPADF C4A , S16 ;
/* Set End Address of Sound16 on CH4A */
LDMYAD M0 ;
/* Set Start Address of Melody Song 0 */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com