Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2861IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2861IGN
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2861IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2861IGN Datasheet HTML 8Page - Linear Technology LTC2861IGN Datasheet HTML 9Page - Linear Technology LTC2861IGN Datasheet HTML 10Page - Linear Technology LTC2861IGN Datasheet HTML 11Page - Linear Technology LTC2861IGN Datasheet HTML 12Page - Linear Technology LTC2861IGN Datasheet HTML 13Page - Linear Technology LTC2861IGN Datasheet HTML 14Page - Linear Technology LTC2861IGN Datasheet HTML 15Page - Linear Technology LTC2861IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2859/LTC2861
12
285961fb
The resistance is maintained over the entire RS485 common
mode range of –7V to +12V as shown in Figure 11.
The integrated termination resistor has a high frequency
response which does not limit performance at the maximum
specified data rate. Figure 12 shows the magnitude and
phase of the termination impedance vs frequency.
Supply Current
The unloaded static supply currents in the LTC2859/
LTC2861 are very low —typically under 700μA for all modes
of operation without the internal terminator enabled. In
applications with resistively terminated cables, the supply
current is dominated by the driver load. For example, when
using two 120Ω terminators with a differential driver output
voltage of 2V, the DC current is 33mA, which is sourced
by the positive voltage supply. This is true whether the
terminators are external or internal such as in the LTC2859/
LTC2861. Power supply current increases with toggling
data due to capacitive loading and this term can increase
significantly at high data rates. Figure 13 shows supply
current vs data rate for two different capacitive loads (for
the circuit configuration of Figure 3).
High Speed Considerations
A ground plane layout is recommended for the LTC2859/
LTC2861. A 0.1μF bypass capacitor less than one quarter
inch away from the VCC pin is also recommended. The PC
board traces connected to signals A/B and Z/Y (LTC2861)
should be symmetrical and as short as possible to maintain
good differential signal integrity. To minimize capacitive
effects, the differential signals should be separated by more
than the width of a trace and should not be routed on top
of each other if they are on different signal planes.
Care should be taken to route outputs away from any
sensitive inputs to reduce feedback effects that might
cause noise, jitter, or even oscillations. For example, in
the full duplex LTC2861, DI and A/B should not be routed
near the driver or receiver outputs.
The logic inputs of the LTC2859/LTC2861 have 50mV of
hysteresis to provide noise immunity. Fast edges on the
outputs can cause glitches in the ground and power supplies
which are exacerbated by capacitive loading. If a logic input
is held near its threshold (typically 1.5V), a noise glitch
Figure 11. Termination Resistance
vs Common Mode Voltage
Figure 12. Termination Magnitude
and Phase vs Frequency
Figure 13. Supply Current vs Data Rate
APPLICATIONS INFORMATION
COMMON MODE VOLTAGE (V)
–10
130
140
10
285961 F11
120
110
–5
0
5
15
150
FREQUENCY (MHz)
10–1
0
20
40
60
80
100
120
140
100
101
102
285961 F12
–25
–20
–15
–10
–5
0
MAGNITUDE
PHASE
105
DATA RATE (kbps)
102
45
50
55
60
65
70
75
103
104
285961 F13
RDIFF = 54Ω
CL = 1000pF
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com