Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2861IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2861IGN
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2861IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2861IGN Datasheet HTML 1Page - Linear Technology LTC2861IGN Datasheet HTML 2Page - Linear Technology LTC2861IGN Datasheet HTML 3Page - Linear Technology LTC2861IGN Datasheet HTML 4Page - Linear Technology LTC2861IGN Datasheet HTML 5Page - Linear Technology LTC2861IGN Datasheet HTML 6Page - Linear Technology LTC2861IGN Datasheet HTML 7Page - Linear Technology LTC2861IGN Datasheet HTML 8Page - Linear Technology LTC2861IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2859/LTC2861
1
285961fb
20Mbps RS485 Transceivers
with Integrated Switchable
Termination
The LTC®2859 and LTC2861 are low power, 20Mbps
RS485/422 transceivers operating on 5V supplies. The
receiver includes a logic-selectable 120Ω termination,
one-eighth unit load supporting up to 256 nodes per bus,
and a failsafe feature that guarantees a high output state
under conditions of floating or shorted inputs.
The driver features a logic-selectable low-EMI 250kbps
operating mode, and maintains a high output impedance
over the entire common mode range when disabled or
when the supply is removed. Excessive power dissipation
caused by bus contention or a fault is prevented by current
limiting all outputs and by a thermal shutdown.
Enhanced ESD protection allows the LTC2859 and LTC2861
to withstand ±15kV (human body model) on the transceiver
interface pins without latchup or damage.
■
Low Power RS485/RS422 Transceiver
■
Level Translator
■
Backplane Transceiver
■
Integrated, Logic-Selectable 120Ω Termination
Resistor
■
20Mbps Max Data Rate
■
No Damage or Latchup to ESD: ±15kV HBM
■
High Input Impedance Supports 256 Nodes
■
250kbps Low-EMI Mode
■
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
■
Current Limited Drivers and Thermal Shutdown
■
Delayed Micropower Shutdown (5μA Max)
■
Power Up/Down Glitch-Free Driver Outputs
■
Low Operating Current (900μA Max in Receive Mode)
■
Meets All TIA/EIA-485-A Specifications
■
Available in 10-Pin 3mm × 3mm DFN, 12-Pin
4mm × 3mm DFN and 16-Pin SSOP Packages
LTC2859 at 20Mbps
PART NUMBER
DUPLEX
PACKAGE
LTC2859
Half
DFN-10
LTC2861
Full
SSOP-16, DFN-12
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
PRODUCT SELECTION GUIDE
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
285961 TA02
20ns/DIV
2V/DIV
DI
Y–Z
Y
Z
RE
TE
RO
DE
DI
SLO
R
D
2859/61 TA01
LTC2859
120Ω
RE
RO
TE
DE
DI
SLO
R
D
LTC2859
120Ω
RE
RO
TE DE
DI
SLO
R
D
LTC2859
120Ω


Similar Part No. - LTC2861IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861IGN LINER-LTC2861IGN Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
More results

Similar Description - LTC2861IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com