Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKA01MH Datasheet(PDF) 5 Page - Linear Technology

Part # LTKA01MH
Description  Thermocouple Cold Junction Compensator and Matched Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKA01MH Datasheet(HTML) 5 Page - Linear Technology

  LTKA01MH Datasheet HTML 1Page - Linear Technology LTKA01MH Datasheet HTML 2Page - Linear Technology LTKA01MH Datasheet HTML 3Page - Linear Technology LTKA01MH Datasheet HTML 4Page - Linear Technology LTKA01MH Datasheet HTML 5Page - Linear Technology LTKA01MH Datasheet HTML 6Page - Linear Technology LTKA01MH Datasheet HTML 7Page - Linear Technology LTKA01MH Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTK001
001fa
AMPLIFIER (LTKA0x)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
10
35
µV
Input 0ffset Voltage Drift with Temperature
(Note 6)
0.3
1.5
µV/°C
Input Bias Current
0°C ≤ TA ≤ 70°C
± 200
± 600
pA
– 55°C ≤ TA ≤ 125°C
± 300
± 1500
pA
Input Bias Current Drift with Temperature
(Note 6)
1
5
pA/°C
lnput 0ffset Current
0°C ≤ TA ≤ 70°C
± 100
± 500
pA
– 55°C ≤ TA ≤ 125°C
± 200
± 700
pA
lnput Offset Current Drift with Temperature
(Note 6)
0.6
4
pA/°C
Large Signal Voltage Gain
RL = 10kΩ
400
2000
V/mV
Common Mode Rejection Ratio
VCM = ±13.5V
106
130
dB
Power Supply Rejection Ratio
± 2.5V ≤ VS ≤ ± 20V (Note 5)
106
125
dB
Common Mode Input Voltage Range
Notes 6, 7
Above V
0.75
V
Below V+
1.0
V
Output Voltage Swing (Notes 6, 8)
Referred to Supplies
IOUT = 0.1mA
0.8
V
IOUT = 1mA
1.1
V
Supply Current
400
800
µA
Supply Voltage Range
Total V + to V Voltage
4.5
40
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs of the LTKA0x amplifier are clamped with diodes, so a
differential voltage rating does not apply.
Note 3: Total temperature error is the overall error at 25°C taking into
account the offset of the amplifier, the offset at the compensator 10mV/°C
output, and the error in the compensator divider network. Warmup drift is
not included.
Note 4: Slope error is the increase in total temperature error as ambient
temperature is increased. It is guaranteed by design and by other tests,
but is not tested directly.
Note 5: This is a worst-case limit assuming that any or all supply voltages
change.
Note 6: Guaranteed, but not tested.
Note 7: By referring common mode range to the supplies, the range
referred to ground can be quickly calculated for any given supply voltage.
With a single 5V supply, for instance, which has a worst-case low value of
4.7V, the upper common mode limit is 4.7V – 1V = 3.7V. The lower
common mode limit is 0V + 0.75V = 0.75V. With ±15V supplies, the limits
would be 14V and –14.25V, respectively. Common mode range has a
temperature sensitivity of ≈ 2mV/°C.
Note 8: Absolute output voltage swing is calculated by subtracting the
given limits from actual supply voltage. These limits indicate the point
where offset voltage has changed suddenly by 5µV.
Note 9: Temperature error is defined as the deviation from the following
formula:
VOUT = α(T) + αß(T – 25°C)2
α = Typical thermocouple Seebeck coefficient as follows,
E = 60.9µV/°C, J = 51.7µV/°C, K, T = 40.6µV/°C, R, S = 5.95µV/°C.
α = 10mV/°C at the 10mV output.
ß = Nonlinearity coefficient built into the LT1025 to help compensate
for the nonlinearities of thermocouples.
ß = 5.5 x 10 –4, generating
0.34°C bow for 25°C temperature change, and 1.36°C bow for 50°C
change.
Note 10: Temperature error at the individual outputs is the sum of the
10mV/°C output error plus the resistor divider error.
Note 11: Line and load regulation do not take into account the effects of
self-heating. Output changes due to self-heating can be calculated as
follows:
∆VOUT (Line) = ∆VIN(Iq + Iload)(150°C/W)
∆VOUT (Load) = (∆Iload)(VIN)(150°C/W)
= LT1025 supply current
Load regulation is 30µA ≤ IO ≤ 1mA for TA ≤ 0°C.
Note 12: Larger errors with type R and S thermocouples are due mostly to
35µV offset of the amplifier. This error can be reduced to 5µV max with the
LTC
®1050 or LTC1052 operational amplifiers.
ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, TJ = 25°C unless otherwise noted.
(Amplifier LTKA0x)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com