Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKA2.V Datasheet(PDF) 2 Page - Altech corporation

Part # VKA2.V
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

VKA2.V Datasheet(HTML) 2 Page - Altech corporation

  VKA2.V Datasheet HTML 1Page - Altech corporation VKA2.V Datasheet HTML 2Page - Altech corporation VKA2.V Datasheet HTML 3Page - Altech corporation VKA2.V Datasheet HTML 4Page - Altech corporation VKA2.V Datasheet HTML 5Page - Altech corporation VKA2.V Datasheet HTML 6Page - Altech corporation VKA2.V Datasheet HTML 7Page - Altech corporation VKA2.V Datasheet HTML 8Page - Altech corporation VKA2.V Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
73 mm
58 mm
15
mm
50.5 mm
15.8
mm
15.8
mm
73 mm
58 mm
15
mm
65 mm
15.8
mm
15.8
mm
15.8
mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Catalog Number
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size
Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
Suitable Accessories
Extended Handle Version/
Door Interlock Mechanism
Shaft
Handles
Auxiliary Switch
Fuse Holder
Direct Handle Version
Handle for 3 Pole
Handle for 4 Pole
Door Mounting Kits
KU325N
3 (4 pole - KU425N)
25A
600V AC
17.5A
11A
1 Phase
3 Phase
12
25
25
37.5
37.5
3
7.5
510
7.5
15
5
10
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
—
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
KU340N
3 (4 pole - KU440N)
40A
600V AC
28A
18A
1 Phase
3 Phase
23
37.5
37.5
510
510
5
10
7.5
15
1020
7.5
15
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
KV 10x38, KV 10x38 CC
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
KU363N
3 (4 pole - KU463N)
60A
600V AC
34A
27A
1 Phase
3 Phase
35
510
510
510
510
7.5
10
10
20
1525
15
25
10kA
60A
60A (80A@480V AC)
100A
100A
12-4AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
—
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
3 Pole
4 Pole
The KU/VKA...N series
can be used with
extended and direct
handles (see page 8-9
for details).
Extended/Direct Handle Motor Disconnect Switch
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com