Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKA2.V Datasheet(PDF) 11 Page - Altech corporation

Part # VKA2.V
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

VKA2.V Datasheet(HTML) 11 Page - Altech corporation

Back Button VKA2.V Datasheet HTML 6Page - Altech corporation VKA2.V Datasheet HTML 7Page - Altech corporation VKA2.V Datasheet HTML 8Page - Altech corporation VKA2.V Datasheet HTML 9Page - Altech corporation VKA2.V Datasheet HTML 10Page - Altech corporation VKA2.V Datasheet HTML 11Page - Altech corporation VKA2.V Datasheet HTML 12Page - Altech corporation VKA2.V Datasheet HTML 13Page - Altech corporation VKA2.V Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FUSED
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
KEM3100L
KEM3100L Y/R
3*
100A
600V AC
–
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
1020
10
20
10
20
15
30
20
40
30
50
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF10
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
KEM3125L
KEM3125L Y/R
3*
125A
600V AC
–
68A
1 Phase
3 Phase
510
1020
10
20
15
25
15
25
15
30
20
40
30
50
30
60
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF10
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
KEM3150L
KEM3150L Y/R
3*
150A
600V AC
–
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
1530
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF11UL
2.8351kg (6.25 lb.)
VKA1.V, VKA2.V
Enclosed Motor Disconnect Switch
13
KKVM332, KKVM332CC
KKVM332 Y/R, KKVM332CC Y/R
3
30A
600V AC
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
U3
0.998kg (2.2 lb.)
KU1.V, KU2.V
183 mm
188 mm
278 mm
273 mm
254 mm
MF10
MF11UL
U3
Cat. No.
Fuse Type
KKVM 332 (Y/R)
10x38,
Midget
KKVM 332CC (Y/R)
Class CC
131 mm
96 mm
144 mm
132 mm
KNOCK-OUTS
Ø25/32
Ø20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com