Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD557 Datasheet(PDF) 21 Page - Texas Instruments

Part # PD557
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PD557 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PD557 Datasheet HTML 17Page - Texas Instruments PD557 Datasheet HTML 18Page - Texas Instruments PD557 Datasheet HTML 19Page - Texas Instruments PD557 Datasheet HTML 20Page - Texas Instruments PD557 Datasheet HTML 21Page - Texas Instruments PD557 Datasheet HTML 22Page - Texas Instruments PD557 Datasheet HTML 23Page - Texas Instruments PD557 Datasheet HTML 24Page - Texas Instruments PD557 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Minimizing ICC When I/O Is Used to Control LED
LED
100 kW
VCC
VCC
Pn
3.3 V
LED
5 V
VCC
Pn
PCA9557
www.ti.com.................................................................................................................................................... SCPS133I – DECEMBER 2005 – REVISED JUNE 2008
When an I/O is used to control an LED, normally it is connected to VCC through a resistor as shown in Figure 14.
The LED acts as a diode so, when the LED is off, the I/O VIN is about 1.2 V less than VCC. The ΔICC parameter in
Electrical Characteristics shows how ICC increases as VIN becomes lower than VCC. Designs needing to minimize
current consumption, such as battery power applications, should consider maintaining the I/O pins greater than
or equal to VCC when the LED is off.
Figure 15 shows a high-value resistor in parallel with the LED. Figure 16 shows VCC less than the LED supply
voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VCC and prevent additional
supply-current consumption when the LED is off.
Figure 15. High-Value Resistor in Parallel With the LED
Figure 16. Device Supplied by a Low Voltage
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCA9557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com