Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX882C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX882C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX882C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX882C/D Datasheet HTML 1Page - Maxim Integrated Products MAX882C/D Datasheet HTML 2Page - Maxim Integrated Products MAX882C/D Datasheet HTML 3Page - Maxim Integrated Products MAX882C/D Datasheet HTML 4Page - Maxim Integrated Products MAX882C/D Datasheet HTML 5Page - Maxim Integrated Products MAX882C/D Datasheet HTML 6Page - Maxim Integrated Products MAX882C/D Datasheet HTML 7Page - Maxim Integrated Products MAX882C/D Datasheet HTML 8Page - Maxim Integrated Products MAX882C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VIN = 7V for MAX883, VIN = 5.3V for MAX882/MAX884, OFF or STBY = VIN, SET = GND, LBI = VIN, LBO = OPEN, CIN = COUT = 2.2µF,
RL = 1k
Ω, TA = +25°C, unless otherwise noted.)
95
101
100
99
98
97
96
0.01
0.1
1
100
10
250
OUTPUT VOLTAGE AND QUIESCENT
CURRENT vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 5V (MAX883)
VOUT = 3.3V (MAX882/MAX884)
OUTPUT VOLTAGE
NORMALIZED TO OUTPUT
VOLTAGE AT 1mA
0
5
10
15
20
25
30
IQ
0
2
3
4
5
6
4
6
8
10
12
14
16
OUTPUT VOLTAGE AND QUIESCENT
CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2
3
4
5
6
7
8
9
10 11
12
VOUT = 5V (MAX883)
VOUT = 3.3V (MAX882/MAX884)
IQ (MAX882/MAX884)
IQ (MAX883)
1
0
0.1
0.2
0.3
0.4
0.5
0.6
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
50
100
150
200
250
300
VOUT = 3.3V (MAX882/MAX884)
VOUT = 5V (MAX883)
0
15
12
9
6
3
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-55 -35 -15
5
25
45 65
85 105 125
10Hz to 10kHz OUTPUT NOISE
10ms/div
MAX883
VOUT = 5V
96
97
98
99
100
101
102
103
104
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-55 -35 -15
5
25
45 65
85 105 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com