Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX882C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX882C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX882C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX882C/D Datasheet HTML 1Page - Maxim Integrated Products MAX882C/D Datasheet HTML 2Page - Maxim Integrated Products MAX882C/D Datasheet HTML 3Page - Maxim Integrated Products MAX882C/D Datasheet HTML 4Page - Maxim Integrated Products MAX882C/D Datasheet HTML 5Page - Maxim Integrated Products MAX882C/D Datasheet HTML 6Page - Maxim Integrated Products MAX882C/D Datasheet HTML 7Page - Maxim Integrated Products MAX882C/D Datasheet HTML 8Page - Maxim Integrated Products MAX882C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = -40°C to
+85°C, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX882C_A/E_A
7
15
STBY = 0, VIN =
6V, SET = OUT
MAX882MJA
30
MAX882C_A/E_A
10
25
STBY Quiescent Current (Note 4)
IQ STBY
STBY = 0, VIN =
11.5V, SET = OUT
MAX882MJA
40
µA
MAX88_C_A
0.01
1
MAX88_E_A
5
OFF Quiescent Current
IQ OFF
OFF = 0, RL = 1k
Ω,
VIN = 11.5V
MAX883/MAX884
MAX88_MJA
10
µA
MAX88_C_A
1
MAX88_E_A
3
Minimum Load Current
IOUT(MIN)
VIN = 11.5V, SET =
OUT
MAX88_MJA
10
µA
VOUT < 0.8V
170
Foldback Current Limit (Note 5)
ILIM
VOUT > 0.8V and VIN - VOUT > 0.7V
430
mA
Thermal Shutdown Temperature
TSD
+160
°C
Thermal Shutdown Hysteresis
ΔTSD
10
°C
VOUT = 4.5V
MAX883_A
6
20
Reverse-Current-Protection
(Note 6)
ΔVRTH
VOUT = 3.0V
MAX882_A,
MAX884_A
620
mV
MAX882: VIN = 0, STBY = 0, VOUT = 3.0V
7
Reverse Leakage Current
IRVL
MAX883/MAX884: VIN = 0, OFF = 0, VOUT
= 3.0V
0.01
µA
Startup Overshoot
VOSH
RL = 1k
Ω, COUT = 2.2µF
% of
VOUT
Time Required to Exit OFF or
STBY Modes
TSTART
VIN = 9V, RL = 33
Ω, OFF from 0 to VIN, 0%
to 95% of VOUT
200
µs
For internal feedback
65
30
Dual Mode SET Threshold
VSET TH
For external feedback
150
65
mV
0°C
≤ TJ ≤ +85°C
1.16
1.20
1.24
SET Reference Voltage
VSET
SET = OUT, RL =
1k
Ω
-40°C
≤ TJ ≤ +85°C
1.12
1.28
V
SET Input Leakage Current
ISET
VSET = 1.5V or 0
±0.01
±50
nA
0°C
≤ TJ ≤ +85°C
1.15
1.20
1.25
LBI Threshold Voltage
VLBI
LBI signal falling
-40°C
≤ TJ ≤ +85°C
1.11
1.29
V
LBI Hysteresis
ΔVLBI
7mV
LBI Input Leakage Current
ILBI
VLBI = 1.5V
±0.01
±50
nA
LBO Output Low Voltage
VLBOL
ILBO sink = 1.2mA, VLBI = 1V, 3V < VIN <
11.5V, SET = OUT
90
250
mV
LBO Output Leakage Current
IBLO LKG
VLBI = VIN, VLBO = VIN
0.01
0.1
µA
MAX88_C_A
0.01
1
MAX88_E_A
3
OUT Leakage Current
IOUT LKG
VIN = 11.5V, VOUT
= 2V, SET = OUT
MAX88_MJA
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com