Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP140G Datasheet(PDF) 3 Page - STMicroelectronics

Part # TLP140G
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP140G Datasheet(HTML) 3 Page - STMicroelectronics

  TLP140G Datasheet HTML 1Page - STMicroelectronics TLP140G Datasheet HTML 2Page - STMicroelectronics TLP140G Datasheet HTML 3Page - STMicroelectronics TLP140G Datasheet HTML 4Page - STMicroelectronics TLP140G Datasheet HTML 5Page - STMicroelectronics TLP140G Datasheet HTML 6Page - STMicroelectronics TLP140G Datasheet HTML 7Page - STMicroelectronics TLP140G Datasheet HTML 8Page - STMicroelectronics TLP140G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (longitudinal & transversal mode) :
10/1000
µs (open circuit voltage waveform 1 kV 10/1000 µs)
8/20
µs
(open circuit voltage waveform 4 kV
1.2/50
µs)
2/10
µs
(open circuit voltage waveform 2.5kV
2/10
µs)
100
250
500
A
A
A
ITSM
Mains power induction
VRMS = 300V, R = 600
t = 200ms
0.7
A
Mains power contact
VRMS = 220V, R = 10
Ω (Fail-Safe threshold)
t = 200 ms
31
A
VRMS = 220V, R = 600
t = 15 mn
0.42
A
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
TOP
Operating temperature range
- 40 to + 85
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Symbol
Description
IPP
Peak pulse current
ITSM
Maximum peak on-state current
IR
Leakage current
IRM
Leakage current
IH
Holding current
VBR
Breakdown voltage
VR
Continuous reverse voltage
VRM
Maximum stand-off voltage
VBO
Breakover voltage
C
Capacitance
PARAMETER MEASUREMENT INFORMATION
VRM VR VBO
IH
IR
IRM
IPP
TLPxxM/G/G-1
R4
R5
R3
Feeder
1/2 DA108S1
Internal
circuitry
Power
TYPICAL APPLICATION
ISDN: U interface protection
TLPxxM/G/G-1
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com