Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP140G Datasheet(PDF) 10 Page - STMicroelectronics

Part # TLP140G
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP140G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TLP140G Datasheet HTML 6Page - STMicroelectronics TLP140G Datasheet HTML 7Page - STMicroelectronics TLP140G Datasheet HTML 8Page - STMicroelectronics TLP140G Datasheet HTML 9Page - STMicroelectronics TLP140G Datasheet HTML 10Page - STMicroelectronics TLP140G Datasheet HTML 11Page - STMicroelectronics TLP140G Datasheet HTML 12Page - STMicroelectronics TLP140G Datasheet HTML 13Page - STMicroelectronics TLP140G Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE MECHANICAL DATA
Power-SO10
E2
E
1
10
5
6
H
eB
0.25 M
D
h
A
F
A1
E4
E3 E1
SEATING
PLANE
SEATING
PLANE
A
B
C
Q
DETAIL ”A”
0.10 A B
L
A1
a
DETAIL ”A”
D1
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
3.35
3.65
0.131
0.143
A1
0.00
0.10
0.00
0.0039
B
0.40
0.60 0.0157
0.0236
C
0.35
0.55 0.0137
0.0217
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.299
E
9.30
9.50
0.366
0.374
E1
7.20
7.40
0.283
0.291
E2
7.20
7.60
0.283
0.299
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
E3
6.10
6.35
0.240
0.250
E4
5.90
6.10
0.232
0.240
e
1.27
0.05
F
1.25
1.35 0.0492
0.0531
H
13.80
14.40 0.543
0.567
h
0.50
0.019
L
1.20
1.80 0.0472
0.0708
Q
1.70
0.067
a0
°
8
°
0
°
8
°
TLPxxM/G/G-1
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com