Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL074MN Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL074MN
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074MN Datasheet(HTML) 4 Page - STMicroelectronics

  TL074MN Datasheet HTML 1Page - STMicroelectronics TL074MN Datasheet HTML 2Page - STMicroelectronics TL074MN Datasheet HTML 3Page - STMicroelectronics TL074MN Datasheet HTML 4Page - STMicroelectronics TL074MN Datasheet HTML 5Page - STMicroelectronics TL074MN Datasheet HTML 6Page - STMicroelectronics TL074MN Datasheet HTML 7Page - STMicroelectronics TL074MN Datasheet HTML 8Page - STMicroelectronics TL074MN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TL074- TL074A - TL074B
4/11
THD
Total Harmonic Distortion (Tamb = +25°C)
f= 1kHz, RL =2kΩ,CL = 100pF, Av = 20dB,
Vo =2Vpp
0.01
0.01
%
en
Equivalent Input Noise Voltage
RS = 100Ω, f = 1KHz
15
15
∅m
Phase Margin
45
45
degrees
Vo1/Vo2
Channel separation
Av = 100
120
120
dB
1.
The input bias currents are junction leakage currents which approximately double for every 10
°C increase in the junction temperature.
Symbol
Parameter
TL074I,M,AC,AI,AM,
BC,BI,BM
TL074C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com