Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL074MN Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL074MN
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074MN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL074MN Datasheet HTML 3Page - STMicroelectronics TL074MN Datasheet HTML 4Page - STMicroelectronics TL074MN Datasheet HTML 5Page - STMicroelectronics TL074MN Datasheet HTML 6Page - STMicroelectronics TL074MN Datasheet HTML 7Page - STMicroelectronics TL074MN Datasheet HTML 8Page - STMicroelectronics TL074MN Datasheet HTML 9Page - STMicroelectronics TL074MN Datasheet HTML 10Page - STMicroelectronics TL074MN Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TL074- TL074A - TL074B
8/11
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage Follower
Figure 2 : Gain-of-10 Inverting Amplifier
TYPICAL APPLICATIONS
AUDIO DISTRIBUTION AMPLIFIER
-
eI
TL074
R L
1/4
C
L= 100pF
1k
Ω
10k
Ω
eo
-
T L074
1/ 4
-
-
-
T L074
1/ 4
TL074
1/4
T L074
1/ 4
1M
Ω
1
µF
Output A
Output B
Output C
Input
100k
Ω
100k
Ω
100k
Ω
100k
Ω
1OO
µF
V
CC
+
f
= 100 kHz
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com