Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7314 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7314
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7314 Datasheet(HTML) 1 Page - STMicroelectronics

  7314 Datasheet HTML 1Page - STMicroelectronics 7314 Datasheet HTML 2Page - STMicroelectronics 7314 Datasheet HTML 3Page - STMicroelectronics 7314 Datasheet HTML 4Page - STMicroelectronics 7314 Datasheet HTML 5Page - STMicroelectronics 7314 Datasheet HTML 6Page - STMicroelectronics 7314 Datasheet HTML 7Page - STMicroelectronics 7314 Datasheet HTML 8Page - STMicroelectronics 7314 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA7314
DIGITAL CONTROLLED AUDIO PROCESSOR
WITH LOUDNESS
1 STEREO INPUT
SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTION TO DIFFERENT SOURCES
INPUT
AND
OUTPUT
FOR
EXTERNAL
EQUALIZER OR NOISE REDUCTION SYS-
TEM
LOUDNESS FUNCTION
VOLUME CONTROL IN 1.25dB STEPS
TREBLE AND BASS CONTROL
FOUR SPEAKER ATTENUATORS:
- 4 INDEPENDENT SPEAKERS CONTROL
IN 1.25dB STEPS FOR BALANCE AND
FADER FACILITIES
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
DESCRIPTION
The TDA7314 is a volume, tone (bass and treble)
balance (Left/Right) and fader (front/rear) processor
for quality audio applications in car radio and Hi-Fi
systems.
Selectable input gain and internal loudness function
are provided. Control is accomplished by serial bus
microprocessor interface.
The AC signal setting is obtained by resistor networks
andswitches combined with operationalamplifiers.
Thanks to the used BIPOLAR/CMOS Tecnology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
November 1999
®
SDIP24
ORDERING NUMBER: TDA7314
PIN CONNECTION (Top view)
1/12


Similar Part No. - 7314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7314 AD-7314 Datasheet
97Kb / 8P
Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
logo
LSI Computer Systems
7314 LSI-7314 Datasheet
46Kb / 4P
AC POWER CONTROLLERS
logo
Keystone Electronics Co...
7314 KEYSTONE-7314 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Bahco
7314150106288 BAHCO-7314150106288 Datasheet
141Kb / 1P
SIDE CUTTERS
7314150106295 BAHCO-7314150106295 Datasheet
141Kb / 1P
SIDE CUTTERS
More results

Similar Description - 7314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR
Jul-1998
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Samsung semiconductor
S1A0501X01 SAMSUNG-S1A0501X01 Datasheet
177Kb / 18P
DIGITAL CONTROLLED AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com