Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7314 Datasheet (PDF) - LSI Computer Systems

7314 Datasheet PDF - LSI Computer Systems
Part # 7314
Download  7314 Download
File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description AC POWER CONTROLLERS

7314 Datasheet (PDF)

Go To PDF Page Download Datasheet
7314 Datasheet PDF - LSI Computer Systems

Part # 7314
Download  7314 Click to download

File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description AC POWER CONTROLLERS

7314 Datasheet (HTML) - LSI Computer Systems


7314 Product details

DESCRIPTION:

The LS7314 - LS7315 are MOS integrated circuits specifically designed  for  appliance  motor  speed  control,  lighting  control, etc. I/Os (PLs) are provided for selecting/indicating from one to ten power levels. The LS7315 is designed for pushbutton control. The LS7314 is designed for touch control. (See Figures 4A and 4B)



FEATURES:

• 10 I/Os to Select/Indicate up to ten Power Levels

•  Inputs activated by Touch or Pushbutton Switch

•  Output switches pure and precise AC Power to Load

• Operates with 50Hz/60Hz line frequency

• Rugged, latchup-free process technology

• +10V to +14V operation (Vss-VDD)

• LS7314, LS7315 (DIP; LS7314-S, LS7315-S (SOIC) - See Figure 1



APPLICATIONS:

• Universal and shaded-pole motor speed control for modern appliance designs. Eliminates awkward mechanical switch assemblies and multi-tapped motor windings. (See Fig. 4C)

• Multi-level light switches. (See Fig. 4D)



 




Similar Part No. - 7314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7314 STMICROELECTRONICS-7314 Datasheet
111Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
logo
Analog Devices
7314 AD-7314 Datasheet
97Kb / 8P
Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
logo
Keystone Electronics Co...
7314 KEYSTONE-7314 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Bahco
7314150106288 BAHCO-7314150106288 Datasheet
141Kb / 1P
SIDE CUTTERS
7314150106295 BAHCO-7314150106295 Datasheet
141Kb / 1P
SIDE CUTTERS
More results


Similar Description - 7314

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
logo
LSI Computer Systems
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
AC POWER CONTROLLERS
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
logo
Nell Semiconductor Co.,...
495PT NELLSEMI-495PT Datasheet
813Kb / 3P
AC controllers
logo
LSI Computer Systems
LS7310 LSI-LS7310_03 Datasheet
65Kb / 4P
AC POWER CONTROLLERS
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
AC POWER CONTROLLERS
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
Motor Controllers AC Variable Frequency Drives
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com