Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 982 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 982 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 978Page - Renesas Technology Corp H8SX1663 Datasheet HTML 979Page - Renesas Technology Corp H8SX1663 Datasheet HTML 980Page - Renesas Technology Corp H8SX1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX1663 Datasheet HTML 985Page - Renesas Technology Corp H8SX1663 Datasheet HTML 986Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 982 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 930 of 1102
REJ09B0294-0100
21.10
Programmer Mode
Along with its on-board programming mode, this LSI also has a programmer mode as a further
mode for the writing and erasing of programs and data. In programmer mode, a general-purpose
PROM programmer that supports the device types shown in table 21.13 can be used to write
programs to the on-chip ROM without any limitation.
Table 21.13 Device Types Supported in Programmer Mode
Target Memory
MAT
Product
Classification
ROM Size
Device Type
H8SX/1663
384 kbytes
User MAT
H8SX/1664
512 kbytes
FZTAT512V3A
21.11
Standard Serial Communication Interface Specifications for Boot
Mode
The boot program initiated in boot mode performs serial communication using the host and on-
chip SCI_4. The serial communication interface specifications are shown below.
The boot program has three states.
1. Bit-rate-adjustment state
In this state, the boot program adjusts the bit rate to achieve serial communication with the
host. Initiating boot mode enables starting of the boot program and entry to the bit-rate-
adjustment state. The program receives the command from the host to adjust the bit rate. After
adjusting the bit rate, the program enters the inquiry/selection state.
2. Inquiry/selection state
In this state, the boot program responds to inquiry commands from the host. The device name,
clock mode, and bit rate are selected. After selection of these settings, the program is made to
enter the programming/erasing state by the command for a transition to the
programming/erasing state. The program transfers the libraries required for erasure to the on-
chip RAM and erases the user MATs before the transition.
3. Programming/erasing state
Programming and erasure by the boot program take place in this state. The boot program is
made to transfer the programming/erasing programs to the on-chip RAM by commands from
the host. Sum checks and blank checks are executed by sending these commands from the
host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com