Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 980 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 980 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 976Page - Renesas Technology Corp H8SX1663 Datasheet HTML 977Page - Renesas Technology Corp H8SX1663 Datasheet HTML 978Page - Renesas Technology Corp H8SX1663 Datasheet HTML 979Page - Renesas Technology Corp H8SX1663 Datasheet HTML 980Page - Renesas Technology Corp H8SX1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX1663 Datasheet HTML 984Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 980 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 928 of 1102
REJ09B0294-0100
Figure 21.18 shows an example of overlaying flash memory block area EB0.
This area can be accessed via
both the on-chip RAM and flash
memory area.
Flash memory
user MAT
EB8 to EB13*1
*2
On-chip RAM
H'00000
H'01000
H'02000
H'03000
H'04000
H'05000
H'06000
H'07000
H'08000
H'5FFFF
Notes: 1.
EB8 to EB15 in the H8SX/1664.
2.
H'7FFFF in the H8SX/1664.
H'FF6000
H'FFA000
H'FFAFFF
H'FFBFFF
EB0
EB1
EB2
EB3
EB4
EB5
EB6
EB7
Figure 21.18 Address Map of Overlaid RAM Area (H8SX/1663)
The flash memory area that can be emulated is the one area selected by bits RAM2 to RAM0 in
RAMER from among the eight blocks, EB0 to EB7, of the user MAT.
To overlay a part of the on-chip RAM with block EB0 for realtime emulation, set the RAMS bit in
RAMER to 1 and bits RAM2 to RAM0 to B'000.
For programming/erasing the user MAT, the procedure programs including a download program
of the on-chip program must be executed. At this time, the download area should be specified so
that the overlaid RAM area is not overwritten by downloading the on-chip program. Since the area
in which the tuned data is stored is overlaid with the download area when FTDAR = H'01, the
tuned data must be saved in an unused area beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com