Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 978 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 978 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 974Page - Renesas Technology Corp H8SX1663 Datasheet HTML 975Page - Renesas Technology Corp H8SX1663 Datasheet HTML 976Page - Renesas Technology Corp H8SX1663 Datasheet HTML 977Page - Renesas Technology Corp H8SX1663 Datasheet HTML 978Page - Renesas Technology Corp H8SX1663 Datasheet HTML 979Page - Renesas Technology Corp H8SX1663 Datasheet HTML 980Page - Renesas Technology Corp H8SX1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX1663 Datasheet HTML 982Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 926 of 1102
REJ09B0294-0100
Error protection is canceled by a reset. Note that the reset should be released after the reset input
period of at least 100
µs has passed. Since high voltages are applied during programming/erasing
of the flash memory, some voltage may remain after the error protection state has been entered.
For this reason, it is necessary to reduce the risk of damaging the flash memory by extending the
reset input period so that the charge is released.
The state-transition diagram in figure 21.16 shows transitions to and from the error protection
state.
Reset
(hardware protection)
Programming/erasing
mode
Error-protection mode
Error-protection mode
(software standby)
Read disabled
Programming/erasing enabled
FLER = 0
Read disabled
Programming/erasing disabled
FLER = 0
Read enabled
Programming/erasing disabled
FLER = 1
Read disabled
Programming/erasing disabled
FLER = 1
RES = 0
Error occurrence
Error
occ
urred
(Software
stand
by)
RES
= 0
Software standby mode
Cancel
software standby mode
RES = 0
Programming/erasing interface
register is in its initial state.
Programming/erasing interface
register is in its initial state.
Figure 21.16 Transitions to Error Protection State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com