| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 849 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 849 Page - Renesas Technology Corp |
|
849 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 797 of 1102 REJ09B0294-0100 (2) Data Stage (Control-In) USB function Application IN token reception Data transmission to host Set EP0i transmission complete flag (IFR0.EP0i TS = 1) From setup stage Write data to EP0i data register (EPDR0i) Write 1 to EP0i packet enable bit (TRG.EP0i PKTE = 1) Clear EP0i transmission complete flag (IFR0.EP0i TS = 0) Write 1 to EP0i packet enable bit (TRG.EP0i PKTE = 1) Write data to EP0i data register (EPDR0i) 1 written to TRG.EP0s RDFN? Valid data in EP0i FIFO? NACK NACK No No Yes Yes ACK Interrupt request Figure 16.11 Data Stage (Control-In) Operation The application first analyzes command data from the host in the setup stage, and determines the subsequent data stage direction. If the result of command data analysis is that the data stage is in- transfer, one packet of data to be sent to the host is written to the FIFO. If there is more data to be sent, this data is written to the FIFO after the data written first has been sent to the host (EP0iTS bit in IFR0 = 1). The end of the data stage is identified when the host transmits an OUT token and the status stage is entered. Note: If the size of the data transmitted by the function is smaller than the data size requested by the host, the function indicates the end of the data stage by returning to the host a packet shorter than the maximum packet size. If the size of the data transmitted by the function is an integral multiple of the maximum packet size, the function indicates the end of the data stage by transmitting a zero-length packet. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |