Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 846 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 846 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 842Page - Renesas Technology Corp H8SX1663 Datasheet HTML 843Page - Renesas Technology Corp H8SX1663 Datasheet HTML 844Page - Renesas Technology Corp H8SX1663 Datasheet HTML 845Page - Renesas Technology Corp H8SX1663 Datasheet HTML 846Page - Renesas Technology Corp H8SX1663 Datasheet HTML 847Page - Renesas Technology Corp H8SX1663 Datasheet HTML 848Page - Renesas Technology Corp H8SX1663 Datasheet HTML 849Page - Renesas Technology Corp H8SX1663 Datasheet HTML 850Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 846 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 794 of 1102
REJ09B0294-0100
(4) Remote-Wakeup Operation
If the USB bus enters the non-suspend (resume) state from the suspend state by the remote-
wakeup signal output from this function, perform the operation as shown in figure 16.8.
USB cable connected
USB bus in suspend state
Cancel software
standby mode
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2 is
cleared to 0
Software standby
mode ?
USB module
stopped?
Oscillation
stabilization time
has passed?
No
No
No
Yes
Yes
Yes
Start USB operating
clock oscillation
Cancel USB module stop
Remote wakeup execution
(CTLR/RSME= 1)
Return to normal state
Yes
No
Bus wakeup source
generated
Remote
wakeup enabled?
(CTLR/RWUPS = 1?)
Wait for resume
from up-stream
Resume output signal
Suspend/resume
interrupt occurs.
(IFR2/SURSF = 1)
RESUME
USB function
Application
Figure 16.8 Remote-Wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com