| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 641 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 641 Page - Renesas Technology Corp |
|
641 / 1158 page ![]() Section 11 Programmable Pulse Generator (PPG) Rev.1.00 Jun. 07, 2006 Page 589 of 1102 REJ09B0294-0100 • NDRH If pulse output groups 2 and 3 have the same output trigger, all eight bits are mapped to the same address and can be accessed at one time, as shown below. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 NDR15 NDR14 NDR13 NDR12 NDR11 NDR10 NDR9 NDR8 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Next Data Register 15 to 8 The register contents are transferred to the corresponding PODRH bits by the output trigger specified with PCR. If pulse output groups 2 and 3 have different output triggers, the upper four bits and lower four bits are mapped to different addresses as shown below. Bit Bit Name Initial Value R/W Description 7 6 5 4 NDR15 NDR14 NDR13 NDR12 0 0 0 0 R/W R/W R/W R/W Next Data Register 15 to 12 The register contents are transferred to the corresponding PODRH bits by the output trigger specified with PCR. 3 to 0 All 1 Reserved These bits are always read as 1 and cannot be modified. Bit Bit Name Initial Value R/W Description 7 to 4 All 1 Reserved These bits are always read as 1 and cannot be modified. 3 2 1 0 NDR11 NDR10 NDR9 NDR8 0 0 0 0 R/W R/W R/W R/W Next Data Register 11 to 8 The register contents are transferred to the corresponding PODRH bits by the output trigger specified with PCR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |