Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS745D
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745D Datasheet(HTML) 4 Page - STMicroelectronics

  STPS745D Datasheet HTML 1Page - STMicroelectronics STPS745D Datasheet HTML 2Page - STMicroelectronics STPS745D Datasheet HTML 3Page - STMicroelectronics STPS745D Datasheet HTML 4Page - STMicroelectronics STPS745D Datasheet HTML 5Page - STMicroelectronics STPS745D Datasheet HTML 6Page - STMicroelectronics STPS745D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0
5
10
15
20
25
30
35
40
45
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
5E+4
VR(V)
IR(
µA)
Tj=150
°C
Tj=100
°C
Tj=125
°C
Tj=75
°C
Tj=50
°C
Tj=25
°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
12
5
10
20
50
100
200
500
1000
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=25
°C
Tj=125
°C
Tj=125
°C
Typical values
Fig. 7: Forward voltage drop versus forward
current (maximum values).
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
S(Cu) (cm )
Rth(j-a) (
°C/W)
Fig. 8: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board, copper thickness: 35
µm).
STPS745D/F/G
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com