Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS745D
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745D Datasheet(HTML) 7 Page - STMicroelectronics

  STPS745D Datasheet HTML 1Page - STMicroelectronics STPS745D Datasheet HTML 2Page - STMicroelectronics STPS745D Datasheet HTML 3Page - STMicroelectronics STPS745D Datasheet HTML 4Page - STMicroelectronics STPS745D Datasheet HTML 5Page - STMicroelectronics STPS745D Datasheet HTML 6Page - STMicroelectronics STPS745D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE MECHANICAL DATA
ISOWATT220AC
F
G
F1
H
DE
A
B
L7
L2
L6
L3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.40
2.75
0.094
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
H
10.00
10.40 0.394
0.409
L2
16.00
0.630
L3
28.60
30.60 1.125
1.205
L6
15.90
16.40 0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
Type
Marking
Package
Weight
Base qty
Delivery mode
STPS745D
STPS745D
TO-220AC
1.86 g.
50
Tube
STPS745F
STPS745F
ISOWATT220AC
2 g.
50
Tube
STPS745G
STPS745G
D
2PAK
1.48 g.
50
Tube
STPS745G-TR
STPS745G
D
2PAK
1.48 g.
1000
Tape & reel
Cooling method: by conduction (C)
Recommended torque value: 0.55 N.m
Maximum torque value: 0.7 N.m.
Epoxy meets UL94,V0
STPS745D/F/G
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com