Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF19085 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF19085
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19085 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF19085 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19085 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF19085LR3 MRF19085LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from
1900 to 2000 MHz. Suitable for TDMA, CDMA and multicarrier amplifier
applications.
• Typical 2-Carrier N-CDMA Performance for VDD = 26 Volts,
IDQ = 850 mA, Pout = 18 Watts Avg., f1 = 1960 MHz, f2 = 1962.5 MHz
IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13)
1.2288 MHz Channel Bandwidth Carrier. Adjacent Channels Measured
over a 30 kHz Bandwidth at f1 -885 Khz and f2 +885 kHz. Distortion
Products Measured over 1.2288 MHz Bandwidth at f1 -2.5 MHz and
f2 +2.5 MHz. Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
Output Power — 18 Watts Avg.
Power Gain — 13.0 dB
Efficiency — 23%
ACPR — -51 dB
IM3 — -36.5 dBc
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 1960 MHz, 90 Watts CW
Output Power
Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates
40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
273
1.56
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
RθJC
0.79
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF19085
Rev. 8, 5/2006
Freescale Semiconductor
Technical Data
MRF19085LR3
MRF19085LSR3
1930-1990 MHz, 90 W, 26 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465-06, STYLE 1
NI-780
MRF19085LR3
CASE 465A-06, STYLE 1
NI-780S
MRF19085LSR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF19085

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19085 MOTOROLA-MRF19085 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085LR3 MOTOROLA-MRF19085LR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085LSR3 MOTOROLA-MRF19085LSR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085R3 MOTOROLA-MRF19085R3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085SR3 MOTOROLA-MRF19085SR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
More results

Similar Description - MRF19085

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com