Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF19085 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF19085 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF19085
Download  MRF19085 Download
File Size   421.6 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF19085 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF19085 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF19085
Download  MRF19085 Click to download

File Size   421.6 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF19085 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF19085 Product details

RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs

Designed for PCN and PCS base station applications with frequencies from 1900 to 2000 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applications.

• Typical 2-Carrier N-CDMA Performance for VDD = 26 Volts,
   IDQ = 850 mA, Pout = 18 Watts Avg., f1 = 1960 MHz, f2 = 1962.5 MHz
   IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13)
   1.2288 MHz Channel Bandwidth Carrier. Adjacent Channels Measured
   over a 30 kHz Bandwidth at f1 -885 Khz and f2 +885 kHz. Distortion
   Products Measured over 1.2288 MHz Bandwidth at f1 -2.5 MHz and
   f2 +2.5 MHz. Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
      Output Power — 18 Watts Avg.
      Power Gain — 13.0 dB
      Efficiency — 23%
      ACPR — -51 dB
      IM3 — -36.5 dBc
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 1960 MHz, 90 Watts CW Output Power

Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.




Similar Part No. - MRF19085

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19085 MOTOROLA-MRF19085 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085LR3 MOTOROLA-MRF19085LR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085LSR3 MOTOROLA-MRF19085LSR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085R3 MOTOROLA-MRF19085R3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
MRF19085SR3 MOTOROLA-MRF19085SR3 Datasheet
584Kb / 12P
RF Power Field Effect Transistors
More results


Similar Description - MRF19085

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com