Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED7707TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 33Page - STMicroelectronics LED7707TR Datasheet HTML 34Page - STMicroelectronics LED7707TR Datasheet HTML 35Page - STMicroelectronics LED7707TR Datasheet HTML 36Page - STMicroelectronics LED7707TR Datasheet HTML 37Page - STMicroelectronics LED7707TR Datasheet HTML 38Page - STMicroelectronics LED7707TR Datasheet HTML 39Page - STMicroelectronics LED7707TR Datasheet HTML 40Page - STMicroelectronics LED7707TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
LED7707
Application information
37/48
6.4.9
Power dissipation estimate
As explained in section 5.2, there are several contributions to the total power dissipation.
Neglecting the power dissipated by the LDO (surely less significant compared with the other
contributions), equation (18), (20), (21) and (22) help to estimate the overall power
dissipation.
Before starting the power dissipation estimate it is important to highlight that the following
calculations are considering the worst case (the actual value of the dissipated power would
require measurements). Therefore the power dissipation is estimated according to the
following assumptions:
1.
Minimum input voltage (10.8 V), which leads to maximum input current (and also D will
have the higher value, see Section 6.4.4);
2.
Maximum RDS(on) of the internal power MOSFET;
3.
LEDs in the row of the leading generator will have the maximum forward voltage,
whereas all other LEDs in the other rows will have the minimum forward voltage.
4.
100 % dimming signal duty cycle is considered.
The conduction and switching losses on the internal power switch can be calculated as:
Equation 41
Equation 42
where tr = tf = 15 ns
The power dissipation related to the current generators is given by:
Equation 43
Equation 44
Equation 45
The junction temperature can be estimated by equation (18) considering TA = 25 °C:
Equation 46
mW
216
D
D
I
R
P
DIM
2
IN
DSon
cond
,
D
=
=
mW
233
D
2
)
t
t
(
f
I
V
P
DIM
f
r
sw
IN
OUT
sw
,
D
=
+
=
mW
42
D
V
I
P
DIM
IFB
ROW
Master
,
GEN
=
=
()
(
)
mW
630
D
n
V
V
1
n
I
P
DIM
LEDs
LEDs
,
f
IFB
ROWs
ROW
GEN
=
Δ
+
=
W
12
.
1
P
P
P
P
P
GEN
Master
,
GEN
sw
,
D
cond
,
D
tot
,
D
=
+
+
+
C
72
P
R
T
T
tot
,
D
JA
,
th
Amb
J
°
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com