Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED7707TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 15Page - STMicroelectronics LED7707TR Datasheet HTML 16Page - STMicroelectronics LED7707TR Datasheet HTML 17Page - STMicroelectronics LED7707TR Datasheet HTML 18Page - STMicroelectronics LED7707TR Datasheet HTML 19Page - STMicroelectronics LED7707TR Datasheet HTML 20Page - STMicroelectronics LED7707TR Datasheet HTML 21Page - STMicroelectronics LED7707TR Datasheet HTML 22Page - STMicroelectronics LED7707TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
LED7707
Operation description
19/48
5.1.7
Boost current limit
The design of the external components, especially the inductor and the flywheel diode, must
be optimized in terms of size relying on the programmable peak current limit. The LED7707
improves the reliability of the final application giving the way to limit the maximum current
flowing into the critical components. A simple resistor connected between the BILIM pin and
ground sets the desired value. The voltage at the BILIM pin is internally fixed to 1.23 V and
the current limit is proportional to the current flowing through the setting resistor, according
to the following equation:
Equation 7
where
The maximum allowed current limit is 5 A, resulting in a minimum setting resistor
RBILIM > 240 kΩ. The maximum guaranteed RMS current in the power switch is 2 A.
In a boost converter the RMS current through the internal MOSFET depends on both the
input and output voltages, according to equations 8a (DCM) and 8b (CCM).
The current limitation works by clamping the COMP pin voltage proportionally to RBILIM.
Peak inductor current is limited to the above threshold decreased by the slope
compensation contribution.
Equation 8 a
Equation 8 b
5.1.8
Thermal protection
In order to avoid damage due to high junction temperature, a thermal shutdown protection is
implemented. When the junction temperature rises above 150 °C (typ.), the device turns off
both the control logic and the boost converter and holds the FAULT pin low. The LDO is kept
alive and normal operation is automatically resumed after the junction temperature has
been reduced by 30 °C.
BILIM
B
PEAK
,
BOOST
R
K
I
=
K
B
1.2 10
6
V
=
3
D
L
F
D
V
I
SW
IN
rms
,
MOS
=
()
()
()
⎟⎟
⎜⎜
+
=
3
2
SW
OUT
OUT
2
OUT
rms
,
MOS
D
1
D
L
f
I
V
12
1
D
1
D
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com