Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204F482PR Datasheet(PDF) 47 Page - Torex Semiconductor

Part # XC6204F482PR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204F482PR Datasheet(HTML) 47 Page - Torex Semiconductor

Back Button XC6204F482PR Datasheet HTML 41Page - Torex Semiconductor XC6204F482PR Datasheet HTML 42Page - Torex Semiconductor XC6204F482PR Datasheet HTML 43Page - Torex Semiconductor XC6204F482PR Datasheet HTML 44Page - Torex Semiconductor XC6204F482PR Datasheet HTML 45Page - Torex Semiconductor XC6204F482PR Datasheet HTML 46Page - Torex Semiconductor XC6204F482PR Datasheet HTML 47Page - Torex Semiconductor XC6204F482PR Datasheet HTML 48Page - Torex Semiconductor XC6204F482PR Datasheet HTML 49Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
47/49
XC6204/XC6205
Series
MARK
PRODUCT SERIES
5
XC6205xxxxxx
MARK
OUTPUT VOLTAGE
100mV INCREMENTS
OUTPUT VOLTAGE
50mV INCREMENTS
PRODUCT SERIES
V
E
XC6205Axxxxx
X
F
XC6205Bxxxxx
Y
H
XC6205Cxxxxx
Z
K
XC6205Dxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
8
0.9
0.95
D
1.4
1.45
9
1.0
1.05
E
1.5
1.55
A
1.1
1.15
F
1.6
1.65
B
1.2
1.25
H
1.7
1.75
C
1.3
1.35
[XC6205]
●SOT-25, SOT-89-5
②Represents type of regulator
①Represents product series
③Represents output voltage
④Represents production lot number
0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated.
(G, I, J, O, Q, W excepted)
■MARKING RULE (Continued)
①
②
③ ④
12
3
54
52
4
12
3
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com