Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204F482PR Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6204F482PR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204F482PR Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6204F482PR Datasheet HTML 9Page - Torex Semiconductor XC6204F482PR Datasheet HTML 10Page - Torex Semiconductor XC6204F482PR Datasheet HTML 11Page - Torex Semiconductor XC6204F482PR Datasheet HTML 12Page - Torex Semiconductor XC6204F482PR Datasheet HTML 13Page - Torex Semiconductor XC6204F482PR Datasheet HTML 14Page - Torex Semiconductor XC6204F482PR Datasheet HTML 15Page - Torex Semiconductor XC6204F482PR Datasheet HTML 16Page - Torex Semiconductor XC6204F482PR Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
XC6204/XC6205
Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1 (mV)
IOUT=30mA
DROPOUT VOLTAGE 2 (mV)
IOUT=100mA
Vdif 1
Vdif 2
VOUT
Ta = 25
℃
-40
℃≦Topr≦85℃
Ta = 25
℃
-40
℃≦Topr≦85℃
VOUT (T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
1.80
1.764
1.836
200
210
210
230
300
400
340
480
1.85
1.813
1.887
200
210
210
230
300
400
340
480
1.90
1.862
1.938
120
150
130
170
280
380
320
460
1.95
1.911
1.989
120
150
130
170
280
380
320
460
2.00
1.960
2.040
80
120
90
140
240
350
280
430
2.05
2.009
2.091
80
120
90
140
240
350
280
430
2.10
2.058
2.142
80
120
90
140
240
330
280
410
2.15
2.107
2.193
80
120
90
140
240
330
280
410
2.20
2.156
2.244
80
120
90
140
240
330
280
410
2.25
2.205
2.295
80
120
90
140
240
330
280
410
2.30
2.254
2.346
80
120
90
140
240
310
280
390
2.35
2.303
2.397
80
120
90
140
240
310
280
390
2.40
2.352
2.448
80
120
90
140
240
310
280
390
2.45
2.401
2.499
80
120
90
140
240
310
280
390
2.50
2.450
2.550
70
100
80
120
220
290
260
370
2.55
2.499
2.601
70
100
80
120
220
290
260
370
2.60
2.548
2.652
70
100
80
120
220
290
260
370
2.65
2.597
2.703
70
100
80
120
220
290
260
370
2.70
2.646
2.754
70
100
80
120
220
290
260
370
2.75
2.695
2.805
70
100
80
120
220
290
260
370
2.80
2.744
2.856
70
100
80
120
220
270
260
350
2.85
2.793
2.907
70
100
80
120
220
270
260
350
2.90
2.842
2.958
70
100
80
120
220
270
260
350
2.95
2.891
3.009
70
100
80
120
220
270
260
350
3.00
2.940
3.060
60
90
70
110
200
270
240
350
3.05
2.989
3.111
60
90
70
110
200
270
240
350
3.10
3.038
3.162
60
90
70
110
200
250
240
330
3.15
3.087
3.213
60
90
70
110
200
250
240
330
3.20
3.136
3.264
60
90
70
110
200
250
240
330
3.25
3.185
3.315
60
90
70
110
200
250
240
330
3.30
3.234
3.366
60
90
70
110
200
250
240
330
3.35
3.283
3.417
60
90
70
110
200
250
240
330
3.40
3.332
3.468
60
90
70
110
200
250
240
330
3.45
3.381
3.519
60
90
70
110
200
250
240
330
3.50
3.430
3.570
60
90
70
110
200
250
240
330
3.55
3.479
3.621
60
90
70
110
200
250
240
330
3.60
3.528
3.672
60
90
70
110
200
250
240
330
3.65
3.577
3.723
60
90
70
110
200
250
240
330
3.70
3.626
3.774
60
90
70
110
200
250
240
330
3.75
3.675
3.825
60
90
70
110
200
250
240
330
3.80
3.724
3.876
60
90
70
110
200
250
240
330
3.85
3.773
3.927
60
90
70
110
200
250
240
330
3.90
3.822
3.978
60
90
70
110
200
250
240
330
3.95
3.871
4.029
60
90
70
110
200
250
240
330
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart
XC6204 series
Note: For the XC6204E, F, G, H series, see the item “Ta=25
℃” only.
PARAMETER
SETTING
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com