Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM336D Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM336D
Description  2.5V voltage references
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM336D Datasheet(HTML) 3 Page - STMicroelectronics

  LM336D Datasheet HTML 1Page - STMicroelectronics LM336D Datasheet HTML 2Page - STMicroelectronics LM336D Datasheet HTML 3Page - STMicroelectronics LM336D Datasheet HTML 4Page - STMicroelectronics LM336D Datasheet HTML 5Page - STMicroelectronics LM336D Datasheet HTML 6Page - STMicroelectronics LM336D Datasheet HTML 7Page - STMicroelectronics LM336D Datasheet HTML 8Page - STMicroelectronics LM336D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM236-LM336
Electrical characteristics
3/15
3
Electrical characteristics
Table 2.
Electrical characteristics
Symbol
Parameter
LM236
LM336,B
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VR
Reference breakdown voltage
Tamb = +25°C, IR = 1mA
LM236, LM336
LM336B
2.44
2.49
2.54
2.39
2.44
2.49
2.49
2.59
2.54
V
ΔVR
Reverse breakdown voltage change with current
400µA
≤ IR ≤ 10mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
2.6
3
6
10
2.6
3
10
12
mV
ZD
Reverse dynamic impedance (IR = 1mA)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.2
0.4
0.6
1
0.2
0.4
1
1.4
Ω
KVT
Temperature stability (VR = 2.49V, IR = 1mA)
3.5
9
1.8
6
mV
KVH
Long term stability (Tamb = +25°C ±0.1°C, IR= 1mA)
20
20
ppm
Figure 2.
Reverse voltage change
Figure 3.
Zener noise voltage
Reverse current (mA)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com