Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM336D Datasheet(PDF) 13 Page - STMicroelectronics

Part # LM336D
Description  2.5V voltage references
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM336D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LM336D Datasheet HTML 7Page - STMicroelectronics LM336D Datasheet HTML 8Page - STMicroelectronics LM336D Datasheet HTML 9Page - STMicroelectronics LM336D Datasheet HTML 10Page - STMicroelectronics LM336D Datasheet HTML 11Page - STMicroelectronics LM336D Datasheet HTML 12Page - STMicroelectronics LM336D Datasheet HTML 13Page - STMicroelectronics LM336D Datasheet HTML 14Page - STMicroelectronics LM336D Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LM236-LM336
Package information
13/15
5.3
TO-92 bulk package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com