Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6823SWY6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6823SWY6F
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823SWY6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6823SWY6F Datasheet HTML 17Page - STMicroelectronics STM6823SWY6F Datasheet HTML 18Page - STMicroelectronics STM6823SWY6F Datasheet HTML 19Page - STMicroelectronics STM6823SWY6F Datasheet HTML 20Page - STMicroelectronics STM6823SWY6F Datasheet HTML 21Page - STMicroelectronics STM6823SWY6F Datasheet HTML 22Page - STMicroelectronics STM6823SWY6F Datasheet HTML 23Page - STMicroelectronics STM6823SWY6F Datasheet HTML 24Page - STMicroelectronics STM6823SWY6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
DC and AC parameters
21/28
VOH
Output high voltage (RST)
VCC ≥ 2.7 V, ISOURCE = 500 µA,
Reset not asserted
0.8VCC
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
, Reset not asserted
0.8VCC
V
Output high voltage (RST)
VCC ≥ 1.0 V, ISOURCE = 1 µA,
Reset asserted (0°C to 85°C)
0.8VCC
V
VCC ≥ 1.5 V, ISOURCE = 100 µA,
Reset asserted
0.8VCC
V
VCC ≥ 2.55 V, ISOURCE = 500 µA,
Reset asserted
0.8VCC
V
VCC ≥ 4.25 V, ISOURCE = 800 µA,
Reset asserted
0.8VCC
V
Reset Thresholds
VRST
(5)
Reset threshold
STM6xxxL
25°C
4.561
4.630
4.699
V
–40 to 85°C
4.514
4.746
V
STM6xxxM
25°C
4.314
4.390
4.446
V
–40 to 85°C
4.270
4.490
V
STM6xxxT
25°C
3.040
3.080
3.110
V
–40 to 85°C
3.000
3.150
V
STM6xxxS
25°C
2.890
2.930
2.960
V
–40 to 85°C
2.857
3.000
V
STM6xxxR
25°C
2.590
2.630
2.660
V
–40 to 85°C
2.564
2.696
V
STM6xxxZ
25°C
2.266
2.300
2.335
V
–40 to 85°C
2.243
2.358
V
STM6xxxY
25°C
1.970
2.000
2.030
V
–40 to 85°C
1.950
2.050
V
Reset threshold hysteresis
L/M versions
10
mV
T/S/R/Z/Y versions
5
mV
VCC to RST delay
(VRST – VCC = 100 mV, VCC
falling at 1 mV/µs)
20
µs
trec
(6)
Reset pulse width
A1
1.4
2
ms
Blank
140
200
280
ms
J
240
360
480
ms
Table 6.
DC and AC characteristic (continued)
Sym
Alter-
native
Description
Test condition (1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com