Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6823SWY6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6823SWY6F
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823SWY6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6823SWY6F Datasheet HTML 1Page - STMicroelectronics STM6823SWY6F Datasheet HTML 2Page - STMicroelectronics STM6823SWY6F Datasheet HTML 3Page - STMicroelectronics STM6823SWY6F Datasheet HTML 4Page - STMicroelectronics STM6823SWY6F Datasheet HTML 5Page - STMicroelectronics STM6823SWY6F Datasheet HTML 6Page - STMicroelectronics STM6823SWY6F Datasheet HTML 7Page - STMicroelectronics STM6823SWY6F Datasheet HTML 8Page - STMicroelectronics STM6823SWY6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
June 2008
Rev 8
1/28
1
STM6321/6322
STM6821/6822/6823/6824/6825
5-pin supervisor with watchdog timer and push-button reset
Features
■ Precision VCC monitoring of 5, 3.3, 3, or 2.5 V
power supplies
■ RST outputs (active-low, push-pull or open
drain)
■ RST outputs (active-high, push-pull)
■ Reset pulse width of 1.4 ms, 200 ms and
240 ms (typ)(a)
■ Watchdog timeout period of 1.6 s (typ)(a)
■ Manual reset input (MR)
■ Low supply current - 3 µA (typ)
■ Guaranteed RST (RST) assertion down to
VCC = 1.0 V
■ Operating temperature: –40 to +85°C
(industrial grade)
■ RoHS compliance
Lead-free components are compliant with the
RoHS directive
a.
Other trec and watchdog timings are
offered. Minimum order quantities may
apply. Contact local sales office for
availability.
SOT23-5 (WY)
Table 1.
Device summary
Part number
Watchdog input
Manual reset
input
Reset output
Active-low
(push-pull)
Active-high
(push-pull)
Active-low
(open drain)
STM6321
✔✔
✔
STM6322
✔✔
✔
STM6821
✔✔
✔
STM6822
✔✔
✔
STM6823
✔✔
✔
STM6824
✔✔
✔
STM6825
✔✔✔
www.st.com


Similar Part No. - STM6823SWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823SWY6F STMICROELECTRONICS-STM6823SWY6F Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6823SWY6F STMICROELECTRONICS-STM6823SWY6F Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
More results

Similar Description - STM6823SWY6F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
14-Jun-04
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
STMicroelectronics
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com