Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12800SWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB12800SWRG
Description  12 A Snubberless, logic level and standard triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12800SWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTB12800SWRG Datasheet HTML 1Page - STMicroelectronics BTB12800SWRG Datasheet HTML 2Page - STMicroelectronics BTB12800SWRG Datasheet HTML 3Page - STMicroelectronics BTB12800SWRG Datasheet HTML 4Page - STMicroelectronics BTB12800SWRG Datasheet HTML 5Page - STMicroelectronics BTB12800SWRG Datasheet HTML 6Page - STMicroelectronics BTB12800SWRG Datasheet HTML 7Page - STMicroelectronics BTB12800SWRG Datasheet HTML 8Page - STMicroelectronics BTB12800SWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA12, BTB12, T12xx
Characteristics
5/12
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
Figure 8.
Figure 8: Relative variation of gate
trigger current, holding current and
latching current versus junction
temperature (typical values)
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 9.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
(BW/CW/T1210/T1235)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values) (TW)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T1210/SW
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T1235/T1250/CW/BW
C
B
0.1
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
10.0
100.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 12.
D2PAK thermal resistance junction
to ambient versus copper surface
under tab (printed circuit board
FR4, copper thickness: 35 µm)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
1216
20
2428
32
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com