Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12800SWRG Datasheet(PDF) 11 Page - STMicroelectronics

Part # BTB12800SWRG
Description  12 A Snubberless, logic level and standard triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12800SWRG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button BTB12800SWRG Datasheet HTML 4Page - STMicroelectronics BTB12800SWRG Datasheet HTML 5Page - STMicroelectronics BTB12800SWRG Datasheet HTML 6Page - STMicroelectronics BTB12800SWRG Datasheet HTML 7Page - STMicroelectronics BTB12800SWRG Datasheet HTML 8Page - STMicroelectronics BTB12800SWRG Datasheet HTML 9Page - STMicroelectronics BTB12800SWRG Datasheet HTML 10Page - STMicroelectronics BTB12800SWRG Datasheet HTML 11Page - STMicroelectronics BTB12800SWRG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA12, BTB12, T12xx
Ordering information
11/12
4
Ordering information
5
Revision history
Table 11.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery
mode
BTA/BTB12-xxxyzRG
BTA/BTB12-xxxyz
TO-220AB
2.3 g
50
Tube
T1210-xxxG-TR
T1210-xxxG
D2PAK
1.5 g
1000
Tape and reel
T1235-xxxG
T1235xxxG
D2PAK
1.5 g
50
Tube
T1235-xxxG-TR
T1235xxxG
1000
Tape and reel
T1235-xxxR
T1235-xxxR
I2PAK
1.5 g
50
Tube
T1250-xxxG-TR
T1250xxxG
D2PAK
1.5 g
1000
Tape and reel
Note: xxx = voltage, y = sensitivity, z = type
Table 12.
Revision history
Date
Revision
Changes
Sep-2002
6A
Last update.
25-Mar-2005
7
1. I2PAK package added.
2. TO-220AB delivery mode changed from bulk to tube.
27-May-2005
8
T1210 added
28-Sep-2007
9
Reformatted to current standards. T1250 added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com