Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED316S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics STLED316S_08 Datasheet HTML 21Page - STMicroelectronics STLED316S_08 Datasheet HTML 22Page - STMicroelectronics STLED316S_08 Datasheet HTML 23Page - STMicroelectronics STLED316S_08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Commands
STLED316S
20/33
8.2
Read command
Description:
LSB 3 -1
→address of the memory
MSB5 and LSB4
→address of the memory bank (page)
MSB 6
→‘0’ auto increment address
‘1’ fixed address
MSB 7
→‘0’ Write command
‘1’ Read command
MSB 8
→‘X’ Unused
Use the page 0x01 to read the LED data and key data.
Set flag for key1 and key2 to ensure that the user reads from the particular key. When
reading the key data from the memory, the IRQ_N will be automatically cleared signifying
that the end of the 8th bit was transmitted correctly.
If the IRQ_N is asserted by the last eight keys, then the user reads the key data (one byte
only by reading the first byte). In this case, the IRQ_N will remain active until the second
byte is read. When the user uses the read key to read the LED and key data, first the user
must choose the address (default address location is 0x00) after which the address will
increment only by 3 addresses (maximum).
8.3
Device configuration
This section describes how to program and read the configuration of the device.
Configuration data comprises of the display setting, dimming setting, display on/off and fixed
MSB 8
MSB 7
MSB6
MSB5
LSB4
LSB3
LSB2
LSB1
Table 12.
Read command
Address
Function
00
LED data (optional)
01
Key data byte1
02
Key data byte2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com