Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED316S Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics STLED316S_08 Datasheet HTML 21Page - STMicroelectronics STLED316S_08 Datasheet HTML 22Page - STMicroelectronics STLED316S_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
STLED316S
Commands
19/33
8
Commands
Command sets the display mode and the status of the LED driver. The first byte input to the
STLED316S through the DIN input after the STB goes low is regarded as a command. If
STB is set high while commands/data are transmitted, serial communication is initialized,
and the commands/data being transmitted are invalid (however, the commands/data already
transmitted remain valid).
8.1
Write command
Description:
LSB 3 -1
→address of the memory
MSB5 and LSB4
→address of memory bank (page)
MSB
→6 ‘0’ auto increment address
‘1’ fixed address
MSB 7
→‘0’ Write command
‘1’ Read command
MSB 8
→‘X’ Unused
The following bytes are either configuration data or display data.
During the write command, the control flag display on and auto increment address are
latched into the internal control flag register. The default value is ‘0’ for display on control
register implying that the display is off. The user must turn on the display to view the display
memory. Similarly the auto increment address mode is enabled by default. If the user
desires to read from a particular address location, the user can fix the address pointer.
Display on:
Display off:
Use these two commands to turn the display ‘ON’ and ‘OFF’.
MSB 8
MSB 7
MSB6
MSB5
LSB4
LSB3
LSB2
LSB1
MSB 8
MSB 7
MSB6
MSB5
LSB4
LSB3
LSB2
LSB1
x
0
X
0
1101
MSB 8
MSB 7
MSB6
MSB5
LSB4
LSB3
LSB2
LSB1
x
0
X
01110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com