Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC1502 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics STLC1502 Datasheet HTML 38Page - STMicroelectronics STLC1502 Datasheet HTML 39Page - STMicroelectronics STLC1502 Datasheet HTML 40Page - STMicroelectronics STLC1502 Datasheet HTML 41Page - STMicroelectronics STLC1502 Datasheet HTML 42Page - STMicroelectronics STLC1502 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
39/81
STLC1502
Figure 12: IRQ control block
7.4.3 Interrupt register map [0x0C100000]
The base address of the timer register is 0x0C100000
The offset of any particular register from the base address is the following.
Address
Register Name
R/W
Notes
Int.Base + 0x00
IRQStatus
R
For every IRQ interrupt cause,
a ‘1’ means an active pending
interrupt that has to be served
by the ARM
Int Base+ 0x04
IRQRawStatus
R
For every IRQ interrupt source,
a ‘1’ means an active pending
interrupt “before” the mask (w/
o considering the mask)
Int.Base + 0x08
IRQEnableSet
R/W
For every IRQ interrupt source,
a ‘0’ means that even if an
interrupt source is active, it has
to be stopped (masked). The
write operation of 1 to a given
bit, enable the corresponding
interrupt
INTERRUPT_MASK
Enable
nIRQ
Other Interrupt Bit Slices
IRQRawStatus
IRQStatus
Interrupt Source
Interrupt Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com