Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC1502 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 26Page - STMicroelectronics STLC1502 Datasheet HTML 27Page - STMicroelectronics STLC1502 Datasheet HTML 28Page - STMicroelectronics STLC1502 Datasheet HTML 29Page - STMicroelectronics STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
STLC1502
30/81
6.7 TIC-Test Interface Controller
The Test Interface Controller (TIC) is a state machine that provides an AMBA AHB bus master for system test.
It reads test write and address data from the external data bus TESTBUS (XD), and uses the External Bus In-
terface (part of the DRAM Controller) to drive the external bus with test read data, allowing the use of only one
set of output tristate buffers onto TESTBUS.
The TIC is used to convert externally applied test vectors into internal transfers on the AHB bus. A three-wire
external handshake protocol is used, with two inputs controlling the type of vector that is applied and a single
output that indicates when the next vector can be applied. Typically the TIC is the highest priority AMBA bus
master, which ensures test access under all conditions. The TIC model supports address incrementing and con-
trol vectors. This means that the address for burst transfers can automatically be generated by the TIC.
6.8 AHB-ASB bridge
The APB bridge is the only bus master on the Advanced Peripheral Bus. In fact, the APB bridge is also a slave
on the AHB. The bridge unit converts ASB transfers into APB transfers. On the APB bus only 16 bits wide data
accesses are permitted. 32 bit wide and 8 bit wide transfers are not supported. All the APB peripherals decodes
all the 16 bits of the PA bus.
APB decoding scheme
Every area is 128k x 16 bits but the area actually available is 32k x 16 due to the fact that the address lines on
the APB bus are 16 (PA(15:0)). That means that in every area dedicated to the several block on the APB bus
only the first FFFF is usable.
7.0 APB bus
The APB bus is a 16 bits data and 16 bits address bus. The blocks attached on this bus are described in the
following sections while the memory area is reported in the following figure.
All the addresses in the APB space are word aligned (addresses are multiples of four)
APB decoder space
PA(15:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com