Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL084BMP Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL084BMP
Description  General purpose JFET quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084BMP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL084BMP Datasheet HTML 6Page - STMicroelectronics TL084BMP Datasheet HTML 7Page - STMicroelectronics TL084BMP Datasheet HTML 8Page - STMicroelectronics TL084BMP Datasheet HTML 9Page - STMicroelectronics TL084BMP Datasheet HTML 10Page - STMicroelectronics TL084BMP Datasheet HTML 11Page - STMicroelectronics TL084BMP Datasheet HTML 12Page - STMicroelectronics TL084BMP Datasheet HTML 13Page - STMicroelectronics TL084BMP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical applications
TL084
10/16
Figure 22.
Positive feeback bandpass filter
-
-
TL 08 4
1/4
22 0p F
43 k
Ω
Input
1.5 k
Ω
43 k
Ω
22 0p F
43 k
Ω
16 k
Ω
TL 08 4
1/4
30 k
Ω
Output A
-
TL 08 4
1/4
1.5 k
Ω
22 0p F
43 k
Ω
220 pF
43 k
Ω
-
TL 08 4
1/4
43 k
Ω
16 k
Ω
30 k
Ω
Output B
Ground
Figure 23.
Output A
Figure 24.
Output B
Second order bandpass filter
fo = 100kHz; Q = 30; Gain = 4
Cascaded bandpass filter
fo = 100kHz; Q = 69; Gain = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com