Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL084BMP Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL084BMP
Description  General purpose JFET quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084BMP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL084BMP Datasheet HTML 4Page - STMicroelectronics TL084BMP Datasheet HTML 5Page - STMicroelectronics TL084BMP Datasheet HTML 6Page - STMicroelectronics TL084BMP Datasheet HTML 7Page - STMicroelectronics TL084BMP Datasheet HTML 8Page - STMicroelectronics TL084BMP Datasheet HTML 9Page - STMicroelectronics TL084BMP Datasheet HTML 10Page - STMicroelectronics TL084BMP Datasheet HTML 11Page - STMicroelectronics TL084BMP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
TL084
8/16
Figure 14.
Common mode rejection ratio
versus free air temperature
Figure 15.
Voltage follower large signal pulse
response
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
83
-75
R
L = 1 0 kΩ
=
15V
V
CC
6
4
2
0
-2
-4
0
0.5
1
1.5
2
2.5
3
3.5
TIME (ms)
-6
= 15V
VCC
RL = 2 kW
= 100pF
CL
T
amb = +25°C
OUTPUT
INPUT
Figure 16.
Output voltage versus elapsed time Figure 17.
Equivalent input noise voltage
versus frequency
Figure 18.
Total harmonic distortion versus
frequency
t r
28
24
20
16
12
8
4
0
-4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (
μs)
10%
90%
OVERSHOOT
R
L = 2k Ω
T
amb = +25˚C
V
CC
= 15V
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
A V = 10
R S = 100 Ω
Tamb = +25˚C
VCC = 15V
1
0.4
0.1
0.04
0.01
0.004
0.001
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
A V = 1
T amb = +25˚C
V
CC = 15V
= 6V
V
O (rms)
A V = 1
T amb = +25˚C
= 6V
V
O (rms)
V
CC =
15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com