Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4182RM6F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M4182RM6F
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4182RM6F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M4182RM6F Datasheet HTML 42Page - STMicroelectronics M4182RM6F Datasheet HTML 43Page - STMicroelectronics M4182RM6F Datasheet HTML 44Page - STMicroelectronics M4182RM6F Datasheet HTML 45Page - STMicroelectronics M4182RM6F Datasheet HTML 46Page - STMicroelectronics M4182RM6F Datasheet HTML 47Page - STMicroelectronics M4182RM6F Datasheet HTML 48Page - STMicroelectronics M4182RM6F Datasheet HTML 49Page - STMicroelectronics M4182RM6F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
DC and AC parameters
M41T82 M41T83
46/58
Table 20.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.38 V to 5.5 V (except where noted).
Min
Typ
Max
Unit
VCC
Operating voltage (S)
–40 to 85°C
3.00
5.50
V
Operating voltage (R)
–40 to 85°C
2.70
5.50
V
Operating voltage (Z)
–40 to 85°C
2.38
5.50
V
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
μA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC
±1
μA
ICC1 Supply current
SCL = 400kHz
(No load)
5.5 V
125
150
µA
3.0 V
55
µA
2.5 (Z only)
45
µA
ICC2 Supply current (standby)
SCL = 0Hz;
All inputs
≥ VCC – 0.2 V or
≤ VSS + 0.2 V
(SQWE bit = 0)
5.5 V
8
10
µA
3.0 V
6.5
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC+0.3
V
VOL Output low voltage
RST, FT/RST
VCC/VBAT = 3.0 V,
IOL = 1.0 mA
0.4
V
SQW, IRQ1/FT/OUT
VCC = 3.0 V,
IOL = 1.0 mA
0.4
V
SCL, SDA
VCC = 3.0 V,
IOL = 3.0 mA
0.4
V
VOH Output high voltage
VCC = 3.0 V, IOH = –1.0 mA (push-pull)
2.4
V
Pull-up supply voltage
(open drain)
IRQ1/FT/OUT
5.5
V
VBAT
Battery back-up supply
voltage(2)
2.
For non-rechargeable Lithium battery.
2.5
5.5
V
VCAP
Capacitor back-up
supply voltage
2.0
5.5
V
IBAT Battery supply current
25°C; VCC = 0 V; OSC On;
VBAT = 3 V; 32 KHz Off
365
450
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com