Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4182RM6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M4182RM6F
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4182RM6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M4182RM6F Datasheet HTML 17Page - STMicroelectronics M4182RM6F Datasheet HTML 18Page - STMicroelectronics M4182RM6F Datasheet HTML 19Page - STMicroelectronics M4182RM6F Datasheet HTML 20Page - STMicroelectronics M4182RM6F Datasheet HTML 21Page - STMicroelectronics M4182RM6F Datasheet HTML 22Page - STMicroelectronics M4182RM6F Datasheet HTML 23Page - STMicroelectronics M4182RM6F Datasheet HTML 24Page - STMicroelectronics M4182RM6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
M41T82 M41T83
Clock operation
21/58
3
Clock operation
The M41T8x is driven by a quartz-controlled oscillator with a nominal frequency of
32.768 kHz. The accuracy of the real-time clock depends on the frequency of the quartz
crystal that is used as the time-base for the RTC.
The 8-byte clock register (see Table 2 on page 23 and Table 4 on page 25) is used to both
set the clock and to read the date and time from the clock, in binary coded decimal format.
Tenths/hundredths of seconds, seconds, minutes, and hours are contained within the first
four registers.
Bit D7 of register 01h contains the STOP bit (ST). Setting this bit to a '1' will cause the
oscillator to stop. When reset to a '0' the oscillator restarts within one second (typical).
Note:
Upon initial power-up, the user should set the ST bit to a '1,' then immediately reset the ST
bit to '0.' This provides an additional “kick-start” to the oscillator circuit.
Bits D6 and D7 of clock register 03h (century/ hours register) contain the CENTURY bit 0
(CB0) and CENTURY bit 1 (CB1). Bits D0 through D2 of register 04h contain the day (day of
week). Registers 05h, 06h, and 07h contain the date (day of month), month, and years. The
ninth clock register is the digital calibration register, while the analog calibration register is
found at address 12h (these are both described in the clock calibration section). For the
M41T83, bit D7 of register 09h (Watchdog register) contains the Oscillator Fail Interrupt
Enable bit (OFIE). When the user sets this bit to '1,' any condition which sets the Oscillator
Fail bit (OF) (see Section 3.13: Oscillator fail detection on page 42) will also generate an
interrupt output.
Note:
A WRITE to ANY location within the first eight bytes of the clock register (00h-07h),
including the ST bit and CB0-CB1 bits will result in an update of the system clock and a
reset of the divider chain. This could result in an inadvertent change of the current time.
These non-clock related bits should be written prior to setting the clock, and remain
unchanged until such time as a new clock time is also written.
The eight clock registers may be read one byte at a time, or in a sequential block. Provision
has been made to assure that a clock update does not occur while any of the eight clock
addresses are being read. If a clock address is being read, an update of the clock registers
will be halted. This will prevent a transition of data during the READ.
3.1
Power-down time-stamp
When a power failure occurs, the Halt Update bit (HT) will automatically be set to a “1”. This
will prevent the clock from updating the clock registers, and will allow the user to read the
exact time of the power-down event. Resetting the HT bit to a “0” will allow the clock to
update the clock with the current time. For more information, see Application note AN1572.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com