Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK331M025ST Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # SEK331M025ST
Description  105 ?C Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK331M025ST Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  SEK331M025ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
250 Vdc (300 Volts Surge)
22
SEK220M250ST
9.05
155
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M250ST
6.03
190
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SEK470M250ST
4.23
230
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
100
SEK101M250ST
1.99
340
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
350 Vdc (400 Volts Surge)
0.47
SEKR47M350ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M350ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M350ST
120.63
35
.394 (10.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
3.3
SEK3R3M350ST
80.42
47
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M350ST
56.47
55
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M350ST
26.54
95
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M350ST
12.06
165
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M350ST
8.04
195
.512 (13.0)
.984 (25.0)
.295 (7.5)
.0315 (0.8)
47
SEK470M350ST
5.65
240
.630 (16.0)
1.38 (35.0)
.295 (7.5)
.0315 (0.8)
100
SEK101M350ST
2.65
360
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
400 Vdc (450 Volts Surge)
0.47
SEKR47M400ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M400ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M400ST
120.63
35
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SEK3R3M400ST
80.42
50
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M400ST
56.47
58
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M400ST
26.54
100
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M400ST
12.06
170
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M400ST
8.04
205
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
47
SEK470M400ST
5.65
255
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
450 Vdc (500 Volts Surge)
0.47
SEKR47M450ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M450ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M450ST
120.63
35
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SEK3R3M450ST
80.42
50
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M450ST
56.47
58
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M450ST
26.54
100
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M450ST
12.06
170
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M450ST
8.04
205
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
47
SEK470M450ST
5.65
255
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com